Part Number Hot Search : 
2S41TB NE06L KLLU1500 XRD878 74LS1 7122A 6250G A23L2616
Product Description
Full Text Search
 

To Download PL-2305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL-2305 USB TO IEEE1284 BRIDGE CONTROLLER Bi-Direction Parallel Interface
OVERVIEW
The PL-2305 USB-to-IEEE-1284 Bridge Controller is a low-cost high-performance single chip solution that provides bi-directional connectivity between any standard IEEE-1284 compliant parallel port devices and the Universal Serial Bus (USB) interface. Software drivers for Microsoft Windows 98 and NT 5.0 are also provided to create a seamless migration path from traditional parallel port to the USB environment.
The PL-2305 is based on Prolific Technology's USB Universal Parallel Bridge Controller (U-PBC) Dual-Thread Micro-Controller. With 512 bytes of unified data buffer, it is capable of providing maximum throughput for both upstream and downstream data transfer for a wide variety of devices. The IEEE-1284 interface of PL-2305 is robust enough to handle various not-so-compliant parallel port implementations.
FEATURE
USB Interface
Universal Serial Bus Specification Rev. 1.1 compliant USB full speed communication and bus powered USB Printer Class Specification 1.0 compliant
12 MHz Crystal
5V-3V Regulator
USB Transceiver
Phase Lock Loop
USB Serial Interface Engine
Logic Device Module EP0 Control EP1 Bulk Out EP2 Bulk In EP3 Interrupt EP4 Bulk Out EP5 Bulk In
512 Bytes Unified Buffer
System Address/Data Bus
I/O Data [7:0]
Control In [7:0] Control Out [11:0] Dual-Thread Micro-Controller (6 MIPS per Thread)
Timer/ Counter Phase Generator Interrupt Controller
IEEE-1284 1994 (bi-directional parallel interface) specification compliant Optional external EEPROM for customized USB Vendor ID, Product ID, Device Release Number,
I/O Data [15:8]
PL-2305 USB-to-IEEE-1284 Bridge Controller
64 Bytes Data Memory/ Register
2K Words Program ROM
External Serial EEPROM Interface
IEEE-1284 Parallel Port
External EEPROM
(Optional)
Manufacturer String Descriptor, Product String Descriptor, Serial Number String Descriptor, and any other string descriptors up to 248 bytes in total size Low-level printer class drivers provided for Windows 98, and Windows 2000. 48-Pin SSOP package.
The external 2-wire Serial EEPROM could be used to store customized Vendor ID, Product ID, Device Release Number, Manufacturer String Descriptor, Product String Descriptor, Serial Number String Descriptor, and any other string descriptors to better represent the customer's end product.
6F, No. 1, Lane 51, Sec. 1, Nan-Chan Rd., Taipei, Taiwan, R. O. C. Tel : 886-2-2356-8388 Fax : 886-2-2356-8320 E-mail : sales@prolific.com.tw http://www.prolific.com.tw
Prolific Technology Inc.
Windows is a registered trademark of Microsoft Corporation. (c) 1999, Prolific Technology Inc. All rights reserved. March/1999


▲Up To Search▲   

 
Price & Availability of PL-2305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X